PART |
Description |
Maker |
MB84VD22181EH-90-PBS MB84VD22182EH-90-PBS MB84VD22 |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA71 TRIMMER, 15 TURN 20K CONN HEADER 12POS DL PCB 30GOLD 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MB84VD22193EC MB84VD22193EC-90 MB84VD22193EC-90-PB |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM 32M的(x 8/x16)闪 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM SPECIALTY MEMORY CIRCUIT, PBGA73 Trimmer; Series:3262; Track Resistance:5kohm; Resistance Tolerance: 10%; Power Rating:0.25W; Operating Temperature Range:-65 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm; Adjustment Type:Top RoHS Compliant: Yes CONN, M HEADER ST 1X2 .230 32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
MB84VD2218XEG MB84VD22194EG MB84VD22194EG-90 MB84V |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU[Fujitsu Media Devices Limited]
|
MB84VD2218XEC MB84VD2218 MB84VD22181EC MB84VD22194 |
32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
|
FUJITSU[Fujitsu Media Devices Limited]
|
MB84VD22290FA-70PBS MB84VD22280FA-70 MB84VD22280FA |
32M (X16) FLASH MEMORY & 8M (X16) STATIC RAM
|
SPANSION[SPANSION]
|
LH28F320BFHG-PBTLZN |
32M (x16) Flash Memory
|
Sharp Electrionic Components
|
LH28F320BFHG-PBTLZL |
32M (x16) Flash Memory
|
Sharp Electrionic Components
|
LH28F320BFHE-PBTLZ2 |
32M (x16) Flash Memory
|
SHARP[Sharp Electrionic Components]
|
LH28F320BFHB-PBTL60 |
32M (x16) Flash Memory Flash ROM
|
Sharp Electrionic Components
|
M76DW52003TA90ZT M76DW52003BA M76DW52003BA70ZT M76 |
SPECIALTY MEMORY CIRCUIT, PBGA73 32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M36W416TG 9175 M36W416TGZA M36W416BG70ZA1T M36W416 |
From old datasheet system 16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|